PART |
Description |
Maker |
LTC6992 |
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/°C Reference
|
Linear Technology
|
LTC1821 LTC1821-1ACGW LTC1821-1AIGW LTC1821-1BCGW |
16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C 16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 16-BIT DAC, PDSO36 16-Bit, Ultra Precise, Fast Settling VOUT DAC PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 16-BIT DAC, PDSO36 /-5V, /-15V, 16-Bit Parallel Low Glitch Multiplying VOUT DAC with 4-Quadrant Resistors
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
EL7515 EL7515IY EL7515IY-T13 EL7515IY-T7 |
PWM, Step Up with High Frequency, VIN >1.8V, VOUT =4.5V-18V SMPS Controller High Frequency PWM Step-Up Regulator
|
Intersil Corporation
|
LTC2631ACTS8-LZ10 LTC2631AHTS8-LZ10 LTC2631AITS8-L |
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/隆?C Reference Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/掳C Reference Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference 8-BIT DAC, PDSO8
|
LINEAR TECHNOLOGY CORP
|
AD5040 AD5063 AD5062 AD5060 AD5061 AD5060ARJZ-2REE |
Full Accurate 3 V/5 V 14-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered 3V/5V Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
AD5061 |
16-Bit Vout nanoDAC Converter
|
Analog Devices
|
AD5062BRJ-1 AD5062BRJ-2 AD5062BRJ-3 AD5063BRM-1 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
|
Analog Devices, Inc.
|
LTC1821-1BCGWTRPBF LTC1821BCGWTR |
16-Bit, Ultra Precise, Fast Settling VOUT DAC
|
Linear Technology
|
LTC2631AITS8-HM10 LTC2631AHTS8-HM10 LTC2631ACTS8-H |
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/∑C Reference
|
Linear Technology
|